Part Number Hot Search : 
D221K KA2983 SSA150 27C040 R321142 SK520 1SMA5927 CXA1207
Product Description
Full Text Search
 

To Download BR31 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MASTER INSTRUMENT CORPORATION
SINGLE-PHASE BRIDGE RECTIFIER KBPC1005 THRU KBPC1010 BR305 THRU BR310
FEATURES l Low cost construction l High forward surge current capability l Ideal for printed circuit board l High isolation voltage from case to leads l High temperature soldering guaranteed: 260 oC/10 second, at 5 lbs. (2.3kg) tension.
VOLTAGE RANGE CURRENT 50 to 1000 Volts 3.0 Amperes
0.445( 11.3) 0.405( 10.3)
BR-3
0.445( 11.3) 0.620( 15.7) 0.405( 10.3) 0.580( 14.7)
0.10( 2.5) x45 0.158( 4.0) DIA 0.142( 3.6)
+
AC
AC
-
0.620( 15.7) 0.580( 14.7)
MECHANICAL DATA l Case: Molded plastic body l Terminal: Lead solderable per MIL-STD-202E method 208C. l Polarity: Polarity symbols molded on case l Mounting: Thru hole for #6 screw, 5 in.-lbs torque max. l Weight:0.093ounce, 2.62 grams
0.270( 6.9) 0.230( 5.8)
0.85( 21.6) MIN
0.75( 19.0) MIN
0.08( 2.0) MIN 0.034( 0.86) DIA 0.028( 0.71) TYP
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load derate current by 20%.
SYMBOLS Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward TC=50 (Note 2) Rectified Output Current, at TA=25 (Note 2) Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Rating for Fusing(t<8.3ms) Maximum Instantaneous Forward Voltage at 5.0A Maximum DC Reverse Current at rated TA=25 DC blocking voltage per element TA=100 Isolation Voltage from case to leads Typical Junction Capacitance Resistance (Note 1) Typical Thermal Resistance per element (Note 2) Operating Temperature Range Storage Temperature Range VRRM VRMS VDC I(AV) IFSM I2 T VF IR VISO CJ RJA TJ TSTG KBPC1005 KBPC101 KBPC102 KBPC104 KBPC106 BR305 BR31 BR32 BR34 BR36 50 35 50 100 70 100 200 140 200 400 280 400 3.0 2.0 60 15 1.0 5.0 0.5 2500 20 12 -55 to +150 -55 to +150 600 420 600 KBPC108 KBPC1010 BR38 BR310 800 560 800 1000 700 1000 UNITS Volts Volts Volts Amps Amps A2S Volts Amps mAmps Amps /W /W
NOTES: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0 volts 2. Unit mounted on 4.0"x4.0"x0.11" thick (10.5x10.5x0.3mm) Al. plate. 3. Unit mounted on P.C.B at 0.375" (9.5mm) lead length with 0.5"x0.5" (12x12mm) copper pads.
E-mail: sales@cnmic.com
Web Site: www.cnmic.com 1/2
MASTER INSTRUMENT CORPORATION
SINGLE-PHASE BRIDGE RECTIFIER KBPC1005 THRU KBPC1010 BR305 THRU BR310
VOLTAGE RANGE CURRENT 50 to 1000 Volts 3.0 Amperes
E-mail: sales@cnmic.com
Web Site: www.cnmic.com 2/2


▲Up To Search▲   

 
Price & Availability of BR31

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X